Part Number Hot Search : 
G240128 KGF1321S 10013 SIT9122 HI1176 CF0AKR DS1884AT BLACK
Product Description
Full Text Search
 

To Download BDS12IG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LAB
MECHANICAL DATA Dimensions in mm(inches)
10.41 (0.410) 10.67 (0.420) 4.83 (0.190) 5.08 (0.200) 0.89 (0.035) 1.14 (0.045) 16.38 (0.645) 16.89 (0.665) 13.38 (0.527) 13.64 (0.537) 3.56 (0.140) Dia. 3.81 (0.150) 10.41 (0.410) 10.92 (0.430)
SEME
BDS10IG BDS11IG BDS12IG
SILICON NPN EPITAXIAL BASE IN TO257 METAL PACKAGE
123
12.07 (0.500) 19.05 (0.750)
FEATURES
* HERMETIC TO257 ISOLATED METAL PACKAGES * HIGH RELIABILITY * MILITARY AND SPACE OPTIONS
0.64 (0.025) Dia. 0.89 (0.035)
2.54 (0.100) BSC
3.05 (0.120) BSC
* SCREENING TO CECC LEVELS * ALSO AVAILABLE IN TO220 METAL AND TO220 CERAMIC SURFACE MOUNT PACKAGES
TO257 - TO257 Isolated Metal Package.
Pin 1 - Base Pin 2 - Collector Pin 3 - Emitter
APPLICATIONS
* POWER LINEAR AND SWITCHING APPLICATIONS * GENERAL PURPOSE POWER
ABSOLUTE MAXIMUM RATINGS (Tcase=25C unless otherwise stated)
VCBO VCEO VEBO IE , IC IB Ptot Tstg Tj Collector - Base voltage (IE = 0) Collector - Emitter voltage (IB = 0) Emitter - Base voltage (IC = 0) Emitter , Collector current Base current Total power dissipation at Tcase 75C Storage Temperature Junction Temperature
BDS10 60V 60V
BDS11 80V 80V 5V 15A 5A 90W
BDS12 100V 100V
-65 TO 200C 200C
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Prelim. 9/98
LAB
ELECTRICAL CHARACTERISTICS (Tcase = 25C unless otherwise stated)
SEME
BDS10IG BDS11IG BDS12IG
Parameter
ICBO Collector cut-off current (IE = 0) Collector cut-off current (IB = 0) Emitter cut-off current (IC = 0)
Test Conditions
BDS10 BDS11 BDS12 BDS10 BDS11 BDS12 VEB = 5V VCB = 60V VCB = 80V VCB = 100V VCE = 30V VCE = 40V VCE = 50V
Min.
Typ.
Max.
500 500 500 1 1 1 1
Unit
mA
ICEO
mA
IEBO
mA
VCEO(sus)*
VCE(sat)* VBE(sat)* VBE* hFE* fT
BDS10 Collector - Emitter BDS11 sustaining voltage (IB = 0) BDS12 Collector - Emitter IC = 5A saturation voltage IC = 10A Base - Emitter IC = 10A saturation voltage Base - Emitter voltage IC = 5A IC = 0.5A DC Current gain IC = 5A IC = 10A Transition frequency IC = 0.5A
IC = 100mA IB = 0.5A IB = 2.5A IB = 2.5A VCE = 4V VCE = 4V VCE = 4V VCE = 4V VCE = 4V
60 80 100 1 3 2.5 1.5 250 150
V
V V V
40 15 5 3
MHz
*Pulsed : Pulse duration = 300 ms , duty cycle = 1.5% SWITCHING CHARACTERISTICS
Parameter
ton ts tr On Time Storage Time Fall Time (td + tr)
Test Conditions
IC = 4A VCC = 30V IB1 = 0.4A IC = 4A VCC = 30V IB1 = -IB2 = 0.4A
Max.
0.7 1.0 0.8
Unit ms ms ms
THERMAL DATA RTHj-case RTHcase-sink RTHj-a Thermal resistance junction - case Thermal resistance case - heatsink ** Thermal resistance junction - ambient Max. 1.4C/W Typ. 1.0C/W Max. 80C/W
** Smooth flat surface using thermal grease. Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk Prelim. 9/98


▲Up To Search▲   

 
Price & Availability of BDS12IG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X